Part Number Hot Search : 
MAZ8027 30359 TB2600L 67100 MM3Z10VS 2000052 PNZ108F SCOCXOWT
Product Description
Full Text Search
 

To Download E32F351CPN822MFD0M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U32F SERIES
U32F Series
Large Can Screw Terminals Longer Life U32 Grade High Ripple 350 to 500VDC Ratings RoHS Compliant 105 C Maximum Temperature
Engineering Bulletin Mar 07
The U32F series is a longer life version of the industry standard U32D specifically designed to provide the ripple current capability and long life required for the highest reliability inverter applications. The U32F has an endurance rating of 5,000 hours at 105 C or 20,000 hours at 85 C with the rated ripple current applied. These capacitors are available with a variety of high current English or Metric thread terminals. Mounting options include a three-footed clamp or a bottom stud. Custom designs are available upon request.
L ARGE CAN 105 C
U32F
Summary of Specifications
Screw terminals: high and low post, English and Metric thread. Capacitance range: 1,500 to 18,000F. Voltage range: 350 to 500VDC. Category temperature range: 40 C to 105 C. Leakage current: 0.02CV(A) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Standard capacitance tolerance: 20% Nominal case size (D L): D = 50mm (2.000") to 89mm (3.500"); L = 79mm (3.125") to 220mm (8.625"). Rated lifetime: 5,000 hours at 105 C with rated ripple current applied.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 9
U32F Series
U32F Specifications - Screw Terminals
Item Category Temperature Range Rated Voltage Range Capacitance Range Capacitance Tolerance Leakage Current I 40 to 105 C 350 to 500VDC 1,500 to 15,000 F at 20% ( M ) at 25 C, 120Hz Characteristics
Engineering Bulletin Mar 07
25 C, 120Hz 25 C.
0.02CV ( A ) or 5mA, whichever is smaller, after 5 minutes at
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V ) Rated Ripple Current Multipliers Ambient Temperature ( C )
45 C 1.64 65 C 1.42 85 C 1.00 105 C 0.58
Endurance (Load Life)
The following specifications shall be satisfied when the capacitors are restored to 25 C after subjecting them to DC voltage for 5,000 hours at 105 C with the rated ripple current applied. The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of the capacitors. Capacitance change: 20% from initial measurement ESR change : 200% of initial specified limit Leakage current : initial specified limit
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 25 C after exposing them for 500 hours at 105 C without voltage applied. The rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. Capacitance change: 20% from initial measurement ESR change : 200% of initial specified limit Leakage current : initial specified limit
Vibration Rating Maximum Tightening Torque
10 -55Hz, 10g sinusoidal in three axis, 2 hours per axis.
Terminal Code HP HL CD CP CH CA CS Thread Size 10 - 32 NF- 2B M5x0.8 - 6H M5x0.8 - 6H
1/4 - 28 1/4 - 28
3 Threads Engaged in*lb 18.0 18.0 18.0 35.0 35.0 35.0 35.0 N*m 2.0 2.0 2.0 4.0 4.0 4.0 4.0
6 Threads Engaged in*lb 25.0 25.0 25.0 55.0 55.0 55.0 55.0 N*m 2.8 2.8 2.8 6.2 6.2 6.2 6.2
NF- 2B NF- 2B
M6x1- 6H M6x1- 6H
L ARGE CAN 105 C
Typical Inductance (nH) at 1MHz
Terminal Code HP HL CD CP CH CA CS
Case Diameter
O50 O63.5 O76 O89
U32F
20 20 NA NA NA NA NA
22 22 18 14 16 14 16
25 25 22 18 20 18 20
NA NA NA 18 20 18 20
Custom Designs
Custom CV values per case size and termination type may be available upon request. Contact appropriate representative with specific requirements.
2/9
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U32F Series
Diagram of Dimensions - Screw Terminals
Large Can / Screw Terminals
Case Dimensions
Case Size Code CA5 CB7 CD0 CE3 D79 D92 DA5 DB7 DD0 DE3 DN0 E79 E92 EA5 EB7 ED0 EE3 EJ0 EN0 F92 FA5 FB7 FD0 FE3 FF5 FK0 FN0
OD
Engineering Bulletin Mar 07
Unit: mm (inches)
2.0 (0.080)
L 1.0 (0.040) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 79 (3.125) 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 220 (8.625) 079 (3.125) 092 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 180 (7.125) 220 (8.625) 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 155 (6.125) 190 (7.500) 220 (8.625)
F 0.25 (0.010)
50.8 (2.000)
22.2 (0.875)
F
Vent
63.5 (2.500)
28.6 (1.125)
S T
76.2 (3.000)
31.8 (1.250)
J
Insulating Sleeve
L
H
89.0 (3.500)
31.8 (1.250)
Insulating End Disk
D
Terminal Specifications
Terminal Code HP HL CD CP CH CA CS Available Case Diameter
OD OD
Code C C D-E D-F D-F D-F D-F
mm (inches) 50.8 (2.000) 50.8 (2.000) 63.5 - 76.2 (2.500 - 3.000) 63.5 - 89.0 (2.500 - 3.500) 63.5 - 89.0 (2.500 - 3.500) 63.5 - 89.0 (2.500 - 3.500) 63.5 - 89.0 (2.500 - 3.500)
Thread Size 10 - 32 NF- 2B M5x0.8 - 6H M5x0.8 - 6H 1/4 - 28 NF- 2B 1/ - 28 NF- 2B 4 M6x1- 6H M6x1- 6H
Minimum Thread Depth 09.5 (0.375) 09.5 (0.375) 08.5 (0.335) 08.7 (0.344) 11.9 (0.468) 08.7 (0.344) 11.9 (0.468)
J 0.5 (0.020) 6.4 (0.250) 6.4 (0.250) 5.0 (0.200) 2.4 (0.093) 6.4 (0.250) 2.4 (0.093) 6.4 (0.250)
H 2.0 (0.080) L L L L L L L J J J J J J J
OS
OT
0.25 (0.010) 08.0 (0.313) 8.0 (0.313) 13.0 (0.512) 17.5 (0.689) 17.5 (0.689) 17.5 (0.689) 17.5 (0.689)
0.25 (0.010) 11.1 (0.438) 11.1 (0.438) 18.8 (0.740) -- -- -- --
L ARGE CAN 105 C
U32F
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3/9
U32F Series
Mounting Hardware - Screw Terminals
Type C: Three-Footed Clamp
360 3
Engineering Bulletin Mar 07
Unit: mm (inches)
30 45 D 5 15 A T J G K 5.1 0.5 (2 holes) (0.201 0.020) R S B
Clamp: Zinc with silver trivalent chromate post treatment. Hardware: Screw, washer and hexagon nut included with each clamp.
Type C: Clamp Dimensions
Mounting Code C C C C Case
OD
A 1.0 (0.040) 31.8 (1.250) 38.1 (1.500) 44.5 (1.750) 50.8 (2.000)
B 1.0 (0.040) 36.5 (1.437) 42.9 (1.689) 49.2 (1.937) 56.5 (2.224)
G 1.0 (0.040) 13.3 (0.524) 13.3 (0.524) 13.3 (0.524) 16.0 (0.630)
J 0.5 (0.020) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177)
K 0.5 (0.020) 7.1 (0.280) 7.1 (0.280) 7.1 (0.280) 8.0 (0.313)
R 1.0 (0.040) 19.1 (0.751) 19.1 (0.751) 19.1 (0.751) 21.0 (0.827)
S 1.0 (0.040) 9.5 (0.374) 9.5 (0.374) 9.5 (0.374) 9.0 (0.354)
T 0.5 (0.020) 0.8 (0.032) 0.8 (0.032) 1.0 (0.040) 1.0 (0.040)
50.8 (2.000) 63.5 (2.500) 76.2 (3.000) 89.0 (3.500)
Note: Type B two-footed clamp available upon request for O50.8, O63.5 and O76.2. Consult UCC for specifications.
Type S: Stud Mounting
L ARGE CAN 105 C
U32F
Q
M P K T D
N R
Type S: Stud Mounting Dimensions
Mounting Code S P 1.0 (0.040) 16.0 (0.630) T Thread Size M12 M 1.0 (0.040) 19.0 (0.748) N 1.0 (0.040) 18.0 (0.709)
OK OQ
2.0 (0.080) 30.0 (1.181)
1.0 (0.040) 22.0 (0.866)
R 1.0 (0.040) 1.40 (0.055)
4/9
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U32F Series
Part Numbering System for U32F Series
18 Fields
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Engineering Bulletin Mar 07
When ordering, always specify complete 18-field global part number.
E 3 2 F 4 5 1 CPN 2 2 2ME 9 2M
9
8
7
6
5
4
3
2
1
Supplement Code. Field 18. C = PET insulation with end disk. F = Coated can. M = Pb-free PVC insulation with end disk. Case Size. Fields 15, 16 and 17. The single letter diameter code is inserted in field 15. C = O50.8mm (O2.000") D = O63.5mm (O2.500") E = O76.2mm (O3.000") F = O89mm (O3.500") The double character length code is inserted in fields 16 and 17. For lengths 99mm, insert the actual length rounded to nearest millimeter. For lengths of 100mm or more, insert the appropriate alpha numeric code as indicated below. 92 = 92mm (3.625") A5 = 105mm (4.125") B7 = 117mm (4.625") D0 = 130mm (5.125") E3 = 143mm (5.625") F5 = 155mm (6.125") J0 = 180mm (7.125") K0 = 190mm (7.500") N0= 220mm (8.625") Capacitance Tolerance. Field 14. M = 20% Capacitance. Fields 11, 12 and 13. Expressed in Microfarads. The first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 F or more. R indicates the decimal point for capacitance less than 10 F (e.g. 2R2 = 2.2 F; 220 = 22 F; 221 = 220 F; 222 = 2,200 F; 223 = 22,000 F ). Mounting Hardware. Field 10. N = None. B = Two-footed clamp. C = Three-footed clamp. S = Stud mount. Terminal Type. Fields 8 and 9. HP = High post 10-32 NF- 2B screw thread. HL = High post M5x0.8 screw thread. CD = UTE M5x0.8 screw thread. CP = Low post 1/4-28 NF-2B screw thread. CH = High post 1/4-28 NF-2B screw thread. CA = Low post M6x1 screw thread. CS = High post M6x1 screw thread. DC Rated Voltage. Fields 5, 6 and 7. Expressed in Volts. The first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10VDC or more. R indicates the decimal point for rated voltage less than 10VDC (e.g. 4R5 = 4.5VDC; 450 = 45VDC; 451 = 450VDC). Series Name. Fields 2, 3 and 4. Enter the 3-letter/digit series name in fields 2, 3 and 4. If the series name is only 2 letters/digits, place a dash in field 4. For a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. Capacitor Type. Field 1. Aluminum Electrolytic Capacitor (Polar).
L ARGE CAN 105 C
U32F
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/9
U32F Series
Standard Voltage Ratings - Screw Terminals
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code Maximum ESR ( m ) at 25 C, 120Hz
Engineering Bulletin Mar 07
Rated Ripple Current (A rms) at 85 C 120Hz
8.2 10.3 9.6 11.6 8.2 10.3 9.6 12.4 11.6 14.3 13.6 15.1 12.4 14.3 13.6 16.5 15.1 18.8 18.1 21.5 21.4 23.9 30.1 27.5 16.5 18.8 18.1 21.5 21.4 24.7 23.9 30.1 27.5 36.2 34.2 40.7 7.8 9.3 9.1 7.8 9.3 9.1 10.7 10.9 12.7 10.7 10.9 12.9 12.7 15.1 16.3 17.1 16.5 19.7 18.9 22.4 22.7 25.8
300Hz
9.9 13.4 11.5 13.9 9.9 13.4 11.5 16.1 13.9 18.6 16.4 18.2 16.1 18.6 16.4 21.4 18.2 24.5 21.7 28.0 23.6 28.7 39.2 33.0 21.4 24.5 21.7 28.0 23.6 32.1 28.7 39.2 33.0 47.1 41.0 48.8 9.4 12.1 10.9 9.4 12.1 10.9 13.9 13.0 15.2 13.9 13.0 16.8 15.2 19.7 19.8 22.3 19.8 25.6 22.7 29.1 27.2 31.0
>3kHz
11.5 15.4 13.4 16.2 11.5 15.4 13.4 18.6 16.2 21.4 19.1 21.2 18.6 21.4 19.1 24.7 21.2 28.2 25.4 32.3 30.1 36.7 45.2 38.5 24.7 28.2 25.4 32.3 30.1 37.1 36.7 45.2 38.5 54.3 47.9 57.0 11.0 14.0 12.7 11.0 14.0 12.7 16.0 15.2 17.7 16.0 15.2 19.4 17.7 22.7 23.1 25.7 23.1 29.6 26.5 33.6 31.7 36.1
350 Volts
400 Volts Surge
2,200 2,200 2,700 3,300 2,200 2,200 2,700 2,700 3,300 3,300 3,900 4,700 2,700 3,300 3,900 3,900 4,700 4,700 5,600 5,600 6,800 8,200 8,200 10,000 3,900 4,700 5,600 5,600 6,800 6,800 8,200 8,200 10,000 10,000 12,000 15,000 1,800 1,800 2,200 1,800 1,800 2,200 2,200 2,700 3,300 2,200 2,700 2,700 3,300 3,300 3,900 3,900 4,700 4,700 5,600 5,600 6,800 8,200
E32F351HPN222MCA5M E32F351HPN222MCE3M E32F351HPN272MCB7M E32F351HPN332MCE3M E32F351CPN222MD92M E32F351CPN222MDB7M E32F351CPN272MDA5M E32F351CPN272MDD0M E32F351CPN332MDB7M E32F351CPN332MDE3M E32F351CPN392MDD0M E32F351CPN472MDE3M E32F351CPN272ME92M E32F351CPN332MEA5M E32F351CPN392ME92M E32F351CPN392MED0M E32F351CPN472MEA5M E32F351CPN472MEE3M E32F351CPN562MED0M E32F351CPN562MEJ0M E32F351CPN682MEE3M E32F351CPN822MEB7M E32F351CPN822MEN0M E32F351CPN103MEN0M E32F351CPN392MF92M E32F351CPN472MFB7M E32F351CPN562MFA5M E32F351CPN562MFD0M E32F351CPN682MFB7M E32F351CPN682MFE3M E32F351CPN822MFD0M E32F351CPN822MFK0M E32F351CPN103MFE3M E32F351CPN103MFN0M E32F351CPN123MFK0M E32F351CPN153MFN0M E32F401HPN182MCB7M E32F401HPN182MCE3M E32F401HPN222MCD0M E32F401CPN182MD92M E32F401CPN182MDB7M E32F401CPN222MDA5M E32F401CPN222MDD0M E32F401CPN272MDB7M E32F401CPN332MDE3M E32F401CPN222ME92M E32F401CPN272M292M E32F401CPN272MEB7M E32F401CPN332MEA5M E32F401CPN332MED0M E32F401CPN392MEB7M E32F401CPN392MEE3M E32F401CPN472MED0M E32F401CPN472MEJ0M E32F401CPN562MEE3M E32F401CPN562MEN0M E32F401CPN682MEJ0M E32F401CPN822MEN0M
50 50 50 50 63.5 63.5 63.5 63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 76 89 89 89 89 89 89 89 89 89 89 89 89 50 50 50 63.5 63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 76 76
105 143 117 143 92 117 105 130 117 143 130 143 92 105 92 130 105 143 130 180 143 180 220 220 92 117 105 130 117 143 130 190 143 220 190 220 117 143 130 92 117 105 130 117 143 92 92 117 105 130 117 143 130 180 143 220 180 220
CA5 CE3 CB7 CE3 D92 DB7 DA5 DD0 DB7 DE3 DD0 DE3 E92 EA5 E92 ED0 EA5 EE3 ED0 EJ0 EE3 EJ0 EN0 EN0 F92 FB7 FA5 FD0 FB7 FE3 FD0 FK0 FE3 FN0 FK0 FN0 CB7 CE3 CD0 D92 DB7 DA5 DD0 DB7 DE3 E92 E92 EB7 EA5 ED0 EB7 EE3 ED0 EJ0 EE3 EN0 EJ0 EN0
45 39 37 30 45 39 37 32 30 26 26 21 32 26 26 22 21 18 18 15 16 12 11 10 22 18 18 15 16 13 12 11 10 9 8 7 56 48 45 56 48 45 39 37 30 39 37 32 30 26 26 22 21 18 18 15 15 12
L ARGE CAN 105 C
U32F
400 Volts
450 Volts Surge
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
6/9
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U32F Series
Standard Voltage Ratings - Screw Terminals
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code Maximum ESR ( m ) at 25 C, 120Hz
Engineering Bulletin Mar 07
Rated Ripple Current (A rms) at 85 C 120Hz
12.9 15.1 16.3 17.1 16.5 19.7 18.9 22.4 22.7 28.0 25.8 32.8 31.2 36.4 6.7 8.0 7.7 9.2 9.3 6.7 8.0 7.7 9.2 9.3 11.1 11.1 17.6 11.1 11.1 12.9 12.9 14.8 14.8 17.0 20.2 19.5 22.8 22.3 12.9 12.9 14.8 14.8 17.6 17.0 20.2 19.5 22.8 22.3 27.5 27.8 32.2 32.7 7.0 8.4 8.1 7.0 8.4
300Hz
16.8 19.7 19.8 22.3 19.8 25.6 22.7 29.1 27.2 36.4 31.0 42.6 37.5 43.7 8.0 10.4 9.3 11.9 11.2 8.0 10.4 9.3 11.9 11.2 14.4 13.4 22.9 14.4 13.4 16.7 15.5 19.3 17.8 20.4 26.2 23.4 29.7 26.8 16.7 15.5 19.3 17.8 22.9 20.4 26.2 23.4 29.7 26.8 35.8 33.4 41.8 39.3 8.4 10.9 9.7 8.4 10.9
>3kHz
19.4 22.7 23.1 25.7 23.1 29.6 26.5 33.6 31.7 42.0 36.1 49.2 43.7 51.0 9.4 12.0 10.8 13.7 13.0 9.4 12.0 10.8 13.7 13.0 16.6 15.7 26.5 16.6 15.7 19.3 18.1 22.2 20.8 23.8 30.2 27.3 34.2 31.3 19.3 18.1 22.2 20.8 26.5 23.8 30.2 27.3 34.2 31.3 41.3 39.0 48.3 45.8 9.9 12.7 11.3 9.9 12.7
400 Volts
450 Volts Surge
2,700 3,300 3,900 3,900 4,700 4,700 5,600 5,600 6,800 6,800 8,200 8,200 10,000 12,000 1,500 1,500 1,800 1,800 2,200 1,500 1,500 1,800 1,800 2,200 2,200 2,700 3,900 2,200 2,700 2,700 3,300 3,300 3,900 4,700 4,700 5,600 5,600 6,800 2,700 3,300 3,300 3,900 3,900 4,700 4,700 5,600 5,600 6,800 6,800 8,200 8,200 10,000 1,500 1,500 1,800 1,500 1,500
E32F401CPN272MF92M E32F401CPN332MFA5M E32F401CPN392MF92M E32F401CPN392MFB7M E32F401CPN472MFA5M E32F401CPN472MFD0M E32F401CPN562MFB7M E32F401CPN562MFE3M E32F401CPN682MFE3M E32F401CPN682MFK0M E32F401CPN822MFF5M E32F401CPN822MFN0M E32F401CPN103MFK0M E32F401CPN123MFN0M E32F421HPN152MCA5M E32F421HPN152MCD0M E32F421HPN182MCB7M E32F421HPN182MCE3M E32F421HPN222MCE3M E32F421CPN152MD92M E32F421CPN152MDA5M E32F421CPN182MDA5M E32F421CPN182MDB7M E32F421CPN222MDB7M E32F421CPN222MDE3M E32F421CPN272MDD0M E32F421CPN392MDN0M E32F421CPN222MEA5M E32F421CPN272MEA5M E32F421CPN272MEB7M E32F421CPN332MEB7M E32F421CPN332MEE3M E32F421CPN392MED0M E32F421CPN472MEE3M E32F421CPN472MEJ0M E32F421CPN562MEJ0M E32F421CPN562MEN0M E32F421CPN682MEN0M E32F421CPN272MF92M E32F421CPN332MF92M E32F421CPN332MFA5M E32F421CPN392MFA5M E32F421CPN392MFD0M E32F421CPN472MFB7M E32F421CPN472MFE3M E32F421CPN562MFD0M E32F421CPN562MFF5M E32F421CPN682MFE3M E32F421CPN682MFK0M E32F421CPN822MFD0M E32F421CPN822MFN0M E32F421CPN103MFN0M E32F451HPN152MCB7M E32F451HPN152MCE3M E32F451HPN182MCD0M E32F451CPN152MD92M E32F451CPN152MDB7M
89 89 89 89 89 89 89 89 89 89 89 89 89 89 50 50 50 50 50 63.5 63.5 63.5 63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 89 89 89 89 89 89 89 89 89 89 89 89 89 89 50 50 50 63.5 63.5
92 105 92 117 105 130 117 143 143 190 155 220 190 220 105 130 117 143 143 92 105 105 117 117 143 130 220 105 105 117 117 143 130 143 180 180 220 220 92 92 105 105 130 117 143 130 155 143 190 190 220 220 117 143 130 92 117
F92 FA5 F92 FB7 FA5 FD0 FB7 FE3 FE3 FK0 FF5 FN0 FK0 FN0 CA5 CD0 CB7 CE3 CE3 D92 DA5 DA5 DB7 DB7 DE3 DD0 DN0 EA5 EA5 EB7 EB7 EE3 ED0 EE3 EJ0 EJ0 EN0 EN0 F92 F92 FA5 FA5 FD0 FB7 FE3 FD0 FF5 FE3 FK0 FK0 FN0 FN0 CB7 CE3 CD0 D92 DB7
32 26 26 22 21 18 18 15 15 13 12 11 10 8 89 76 74 63 61 89 76 74 63 61 52 49 29 52 49 42 40 34 34 28 24 24 20 20 42 40 34 34 29 28 24 24 20 20 17 16 14 13 89 76 74 89 76
420 Volts
470 Volts Surge
L ARGE CAN 105 C
U32F
450 Volts
500 Volts Surge
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 9
U32F Series
Standard Voltage Ratings - Screw Terminals
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code Maximum ESR ( m ) at 25 C, 120Hz
Engineering Bulletin Mar 07
Rated Ripple Current (A rms) at 85 C 120Hz
8.1 9.5 9.6 11.4 11.3 9.5 9.6 11.4 11.3 13.4 12.9 15.5 14.8 17.6 17.1 20.9 20.3 23.2 13.4 12.9 15.5 14.8 17.6 17.1 20.9 20.3 25.0 23.2 29.3 27.8 32.7 6.7 6.7 8.3 7.7 9.5 9.0 10.5 8.3 9.5 9.0 10.7 10.5 12.9 12.1 14.9 13.8 17.5 16.6 18.9 23.1 10.7 12.9 12.1 14.9 13.8 17.5
300Hz
9.7 12.3 11.6 14.9 13.5 12.3 11.6 14.9 13.5 17.5 15.5 20.1 17.8 22.9 20.5 27.2 24.3 27.8 17.5 15.5 20.1 17.8 22.9 20.5 27.2 24.3 32.5 27.8 38.1 33.4 39.3 8.0 8.0 10.8 9.2 12.4 10.8 21.6 10.8 12.4 10.8 13.9 21.6 16.8 14.5 19.4 16.6 22.8 19.9 22.7 27.8 13.9 16.8 14.5 19.4 16.6 22.8
>3kHz
11.3 14.2 13.5 17.1 15.8 14.2 13.5 17.1 15.8 20.2 18.1 23.2 20.8 26.5 23.9 31.4 28.4 32.4 20.2 18.1 23.2 20.8 26.5 23.9 31.4 28.4 37.5 32.4 44.0 39.0 45.8 9.4 9.4 12.5 10.8 14.3 12.6 14.7 12.5 14.3 12.6 16.0 14.7 19.4 16.9 22.4 19.3 26.3 23.3 26.4 32.4 16.0 19.4 16.9 22.4 19.3 26.3
450 Volts
500 Volts Surge
1,800 1,800 2,200 2,200 2,700 1,800 2,200 2,200 2,700 2,700 3,300 3,300 3,900 3,900 4,700 4,700 5,600 6,800 2,700 3,300 3,300 3,900 3,900 4,700 4,700 5,600 5,600 6,800 6,800 8,200 10,000 1,500 1,500 1,500 1,800 1,800 2,200 2,700 1,500 1,800 2,200 2,200 2,700 2,700 3,300 3,300 3,900 3,900 4,700 5,600 6,800 2,200 2,700 3,300 3,300 3,900 3,900
E32F451CPN182MDA5M E32F451CPN182MDD0M E32F451CPN222MDA5M E32F451CPN222MDE3M E32F451CPN272MDE3M E32F451CPN182ME92M E32F451CPN222ME92M E32F451CPN222MEB7M E32F451CPN272MEA5M E32F451CPN272MED0M E32F451CPN332MEB7M E32F451CPN332MEE3M E32F451CPN392MED0M E32F451CPN392MEJ0M E32F451CPN472MEE3M E32F451CPN472MEN0M E32F451CPN562MEJ0M E32F451CPN682MEN0M E32F451CPN272MFA5M E32F451CPN332MF92M E32F451CPN332MFB7M E32F451CPN392MFA5M E32F451CPN392MFD0M E32F451CPN472MFB7M E32F451CPN472MFF5M E32F451CPN562MFE3M E32F451CPN562MFK0M E32F451CPN682MFF5M E32F451CPN682MFN0M E32F451CPN822MFK0M E32F451CPN103MFN0M E32F501HPN152MCD0M E32F501CPN152MD92M E32F501CPN152MDD0M E32F501CPN182MDA5M E32F501CPN182MDE3M E32F501CPN222MDD0M E32F501CPN272MDE3M E32F501CPN152ME92M E32F501CPN182MEA5M E32F501CPN222ME92M E32F501CPN222MEB7M E32F501CPN272MEA5M E32F501CPN272MEE3M E32F501CPN332MED0M E32F501CPN332MEJ0M E32F501CPN392MEE3M E32F501CPN392MEN0M E32F501CPN472MEF5M E32F501CPN562MEJ0M E32F501CPN682MEN0M E32F501CPN222MFA5M E32F501CPN272MFB7M E32F501CPN332MF92M E32F501CPN332MFD0M E32F501CPN392MFA5M E32F501CPN392MFF5M
63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 76 76 89 89 89 89 89 89 89 89 89 89 89 89 89 50 63.5 63.5 63.5 63.5 63.5 63.5 76 76 76 76 76 76 76 76 76 76 76 76 76 89 89 89 89 89 89
105 130 105 143 143 92 92 117 105 130 117 143 130 180 143 220 180 220 105 92 117 105 130 117 155 143 190 155 220 190 220 130 92 130 105 143 130 143 92 105 92 117 105 143 130 180 143 220 155 180 220 105 117 92 130 105 155
DA5 DD0 DA5 DE3 DE3 E92 E92 EB7 EA5 ED0 EB7 EE3 ED0 EJ0 EE3 EN0 EJ0 EN0 FA5 F92 FB7 FA5 FD0 FB7 FF5 FE3 FK0 FF5 FN0 FK0 FN0 CD0 D92 DD0 DA5 DE3 DD0 DE3 E92 EA5 E92 EB7 EA5 EE3 ED0 EJ0 EE3 EN0 EF5 EJ0 EN0 FA5 FB7 F92 FD0 FA5 FF5
74 63 61 52 49 63 61 52 49 42 40 34 34 29 28 24 24 20 42 40 34 34 29 28 24 24 20 20 17 16 13 107 107 93 89 78 73 59 93 78 73 64 59 52 48 42 41 36 34 29 24 64 52 48 42 41 36
L ARGE CAN 105 C
U32F
500 Volts
550 Volts Surge
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
8/9
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
U32F Series
Standard Voltage Ratings - Screw Terminals
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code Maximum ESR ( m ) at 25 C, 120Hz
Engineering Bulletin Mar 07
Rated Ripple Current (A rms) at 85 C 120Hz
16.6 21.1 18.9 24.5 25.9
300Hz
19.9 27.4 22.7 31.8 31.1
>3kHz
23.3 31.6 26.4 36.7 36.3
500 Volts
550 Volts Surge
4,700 4,700 5,600 5,600 8,200
E32F501CPN472MFD0M E32F501CPN472MFK0M E32F501CPN562MFE3M E32F501CPN562MFN0M E32F501CPN822MFK0M
89 89 89 89 89
130 190 143 220 190
FD0 FK0 FE3 FN0 FK0
34 30 29 25 20
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
L ARGE CAN 105 C
U32F
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9/9


▲Up To Search▲   

 
Price & Availability of E32F351CPN822MFD0M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X